Part Number Hot Search : 
80000 OPB773NZ 1N821A APL0832 01M10 CHA3666 SM80C15 2SK246GR
Product Description
Full Text Search
 

To Download ELD20X21X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 1 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries features ? dual channel coupler ? current transfer ratios offered in narrow ranges eld205: 40-80% eld206: 63-125% eld207: 100-200% eld211: > 20% eld213: > 100% eld217: > 100% ? high isolation voltage between input and output viso = 3750 vrms ? operating temperature range of -55 to +110 
? high bvceo of 80v ? standard so-8 footprint package ? pb free and rohs compliant. ? ul approved (no. e214129) ? vde approval (pending) ? semko approved ? nemko approved ? demko approved ? fimko approved ? csa approved (no. 2007189) description the eld20x and eld21x series contains two infrared emitting diodes optically coupled to two phototransistor detectors. the devices are packaged in an 8-pin small outline package which conforms to the standard so-8 footprint. applications ? feedback control circuits ? interfacing and coupling systems of different potentials and impedances ? general purpose switching circuits ? monitor and detection circuits 1. anode 2. cathode 3. anode 4. cathode 5. emitter 6. collector 7. emitter 8. collector schematic
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 2 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries absolute maximum ratings (t a =25c) parameter symbol rating unit forward current i f 60 ma peak forward current (t = 100s) i fm 1 a reverse voltage v r 6 v input power dissipation no derating needed p d 90 mw collector power dissipation no derating needed p c 150 mw collector-emitter voltage v ceo 80 v collector-base voltage v cbo 80 v emitter-collector voltage v eco 7 v output collector current ic 50 ma total power dissipation p tot 250 mw isolation voltage *1 v iso 3750 vrms operating temperature t opr -55~+110 c storage temperature t stg -55~+150 c soldering temperature *2 t sol 260 c notes *1 ac for 1 minute, r.h.= 40 ~ 60% r.h. in this test, pins 1, 2 & 3 are shorted together, and pins 4, 5 & 6 are shorted together. *2 for 10 seconds.
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 3 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries electrical characteristics (t a =25c unless specified otherwise) input parameter symbol min. typ.* max. unit condition forward voltage v f - 1.2 1.5 v i f = 10ma reverse current i r - 0.1 100 a v r = 6v input capacitance c in - 25 - pf v = 0, f = 1mhz output parameter symbol min. typ.* max. unit condition collector-emitter dark current i ceo - 5.0 50 na v ce = 10v, i f = 0ma collector-emitter breakdown voltage bv ceo 80 - - v i c = 0.1ma emitter-collector breakdown voltage bv eco 7 - - v i e = 0.1ma collector-emitter capacitance c ce - 10 - pf vce = 0v, f = 1mhz transfer characteristics parameter symbol min. typ.* max. unit condition eld205 40 - 80 eld206 63 - 125 eld207 100 - 200 eld211 20 - - current transfer ratio eld213 ctr 100 - - % i f = 10ma ,v ce = 5v eld205 13 30  eld206 22 45 - eld207 34 70 - current transfer ratio eld217 ctr 100 120 - % i f = 1ma ,v ce = 5v collector-emitter saturation voltage v ce(sat) - - 0.4 v i f = 10ma , i c = 2.5ma isolation resistance r io - 10 11 - ? v io = 500vdc input-output capacitance c io - 0.5 - pf v io = 0, f = 1mhz turn-on time t on - 5.0 - turn-off time t off - 4.0 - rise time t r - 1.6 - fall time t f - 2.2 - s v cc = 5v, i c = 2ma, r l = 100 ? * typical values at t a = 25c
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 4 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries typical performance curves
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 5 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries figure 7. switching time test circuit & waveforms i f i c r l r in v cc output input input pulse output pulse 10% 90% t f t r t off t on
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 6 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries order information part number eld2xx(y)-v note x x= part no. (05, 06, 07, 11, 13 or 17) y = tape and reel option (ta, tb or none). v = vde safety (optional) option description packing quantity none standard 100 units per tube -v standard + vde 100 units per tube (ta) ta tape & reel option 2000 units per reel (tb) tb tape & reel option 2000 units per reel (ta)-v ta tape & reel option + vde 2000 units per reel (tb)-v tb tape & reel option + vde 2000 units per reel
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 7 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries package drawings (dimensions in mm) recommended pad layout for surface mount leadform
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 8 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries ywwv device marking notes el denotes everlight 217 denotes part number y denotes 1 digit year code ww denotes 2 digit week code v denotes vde safety (optional) el d217
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 9 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries tape & reel packing specifications tape dimensions dimension no. a0 a1 b0 d0 d1 e f dimension(mm) 6.20.1 4.10.1 5.280.1 1.50.1 1.50.3 1.750.1 5.50.1 dimension no. po p1 p2 t w k0 k1 dimension(mm) 4.00.1 8.00.1 2.00.1 0.40.1 12.0+0.3/ -0.1 3.70.1 0.30.1 option ta option tb direction of feed from reel direction of feed from reel
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 10 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries solder reflow temperature profile time (s) 150 ? c 1-3 ? c/sec max 60 ? 120 sec 200 ? c 217 ? c >255 ? c (30s max) 1-3 ? c/sec max 60 ? 100 sec 260 ? c (peak)
lifecyclephase: revision : 3 expired period: forever release date:2011-04-29 16:43:33.0 8 pin sop phototransistor dual channel photocoupler everlight electronics co., ltd. 11 http:\\www.everlight.com document no j dpc-0000024 rev.3 march 18, 2011 el d2 0x _ 21x s eries disclaimer 1. the specifications in this datasheet may be changed without notice. everlight reserves the authority on material change for above specification. 2. when using this product, please observe the absolute maximum ratings and the instructions for use as outlined in this datasheet. everlight assumes no responsibility for any damage resulting from use of the product which does not comply with the absolute maximum ratings and the instructions included in this datasheet. 3. these specification sheets include materials protected under copyright of everlight. reproduction in any form is prohibited without the specific consent of everlight.


▲Up To Search▲   

 
Price & Availability of ELD20X21X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X